PART |
Description |
Maker |
APL1087R-18DC-TUL APL1087R-18DC-TRL APL1087R-18EC- |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V 800mA的低压差快速反应积极可调稳压器和固.8V.5V.3V
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
SPX1117 SPX1117M3 SPX1117M3-1.5 SPX1117M3-1.5_TR S |
800mA Low Dropout Voltage Regulator 800mA Low Dropout Regulator
|
SIPEX[Sipex Corporation]
|
AZ1117BH-1.8TRE1 |
800mA LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing, Ltd.
|
BL8074CC3TR181 BL8074CC3TR121 BL8074CC3TR251 BL807 |
800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
|
SHANGHAI BELLING CO., L...
|
LM1117-3.3MDC |
800mA Low-Dropout Linear Regulator
|
NS
|
MC33269DR2-012 MC33269T-012 MC33269DTRK-012 MC3326 |
800mA, 12V Output, Low Dropout Voltage Regulator; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800mA, 12V Output, Low Dropout Voltage Regulator; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800mA, 12V Output, Low Dropout Voltage Regulator; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 ANA 0.8A 5V LDO VREG; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8
|
ON Semiconductor
|
AMS2908-2.85 AMS2908CD-2.85 AMS2908CD-2.5 AMS2908C |
800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压
|
Advanced Monolithic Systems, Inc.
|
TS5218 |
800mA Ultra Low Dropout Voltage Regulator
|
Taiwan Semiconductor Company
|
IRU1117 |
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
International Rectifier
|
LT1117IST LT1117_02 LT1117 LT1117-2.85 LT1117-3.3 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4
|
http:// LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|